Part Number Hot Search : 
LH17AS15 DDZ9682S DM7438 C6122F65 44308 B1012AC1 BS115 J45H11
Product Description
Full Text Search
 

To Download 1004G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r this drawing is the property of 35 royal road flemington, nj 08822-6000 (908) 806-9400 fax (908) 806-9490 andisaconfidential disclosurelentwithout considerationotherthanthe borrowersagreementthatit shallnotbereproduced, copied,lentordisposedof directlyorindirectlynor usedforanypurposeother thanthatforwhichitis specificallyfurnished. unlessotherwisespecified: alldimensionsareinmillimeters thirdangleprojection m e t r i c tolerance xx xx.x xx.xx all 1 mm 0.5 mm 0.2 mm ? mm == = = titel drawnby: checkedby: releasedby: drawingno.: rev.: scale: sheet: of: laszlo gyorgypal 11/7/2007 11/7/2007 philipp ernstberger 11/7/2007 30 mm aluminum enclosure gravity die cast 1004G13 ( cable entry thread size: 2xm20) and 1006g13 (cable entry thread size: 2x1/2" -14 npt) 1pb-1004G13 - - 1 1 laszlo gyorgypal revisionfordwg# 1pb-1004G13 rev - ch.no. - description originaldesign date revisedby 11/7/2007 philippe. 2 2 5 m m [ 8 . 9 i n ] 93 mm [3.7 in] 1 8 5 m m [ 7 . 3 i n ] 78 mm [3.1 in] 73 mm [2.9 in] m20x1.5 or 1/2" npt n 30 mm [1.2 in] 4x 4 5 m m [ 1 . 8 i n ] 1 3 5 m m [ 5 . 3 i n ]


▲Up To Search▲   

 
Price & Availability of 1004G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X